|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFU5505 - Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF5NJ9540 | POWER MOSFET P-CHANNEL Vdss=-100V Rds on =0.117ohm Id=-18A | 1 2 3 4 5 More | International Rectifier |
| IRF5Y9540CM | POWER MOSFET P-CHANNEL Vdss=-100V Rds on =0.117ohm Id=-18A | 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| IRFN9140 | POWER MOSFET N-CHANNEL BVdss=-100V Rds on =0.20ohm Id=-18A | 1 2 3 4 5 More | International Rectifier |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| STD100NH02L | N-channel 24V - 0.0042⦠- 60A - DPAK - IPAK STripFET⢠II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| MMDF6N03HD | DUAL TMOS POWER MOSFET 30 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MMSF7P03HD | SINGLE TMOS POWER MOSFET 30 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|