|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFP354 - Power MOSFET(Vdss=450V, Rds(on)=0.35ohm, Id=14A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFN350 | POWER MOSFET N-CHANNEL BVdss=400V Rds on =0.315ohm Id=14A | 1 2 3 4 5 More | International Rectifier |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| JANTX2N6756 | POWER MOSFET N-CHANNEL BVdss=100V Rds on =0.18ohm Id=14A | 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| JANTX2N6768 | POWER MOSFET N-CHANNEL BVdss=400V Rds on =0.300ohm Id=14A | 1 2 3 4 5 More | International Rectifier |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| NTB125N02R | Power MOSFET 125 A 24 V N-Channel TO-220 D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| TPD7202F | POWER MOSFET GATE DRIVER FOR H BRIDGE | 1 2 3 4 5 More | Toshiba Semiconductor |
| MMDF6N02HD | DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|