|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFP250N - Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| LBSS138LT1 | Power MOSFET 200 mAmps 50 Volts N-hannel SOT-3 | 1 2 3 4 5 | Leshan Radio Company |
| JANTX2N6766 | POWER MOSFET N-CHANNEL BVdss=200V Rds on =0.085ohm Id=30A | 1 2 3 4 5 More | International Rectifier |
| BSS138LT1 | Power MOSFET 200 mA 50 V | 1 2 3 4 5 More | ON Semiconductor |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| NTP30N20 | Power MOSFET 30 Amps 200 Volts | 1 2 3 4 5 More | ON Semiconductor |
| MMFT107T1 | Power MOSFET 250 mA 200 Volts | 1 2 3 4 5 More | ON Semiconductor |
| MSK4422S | 20 AMP 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID | 1 2 3 4 5 More | M.S. Kennedy Corporation |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| MSK4322 | 20 AMP 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID | 1 2 3 4 5 More | M.S. Kennedy Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|