|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFM260 - TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NDP605A | N-Channel Enhancement Mode Power Fleid Effect Transistor | 1 2 3 4 5 More | National Semiconductor |
| 2SK3105 | N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING | 1 2 3 4 5 More | NEC |
| 3SK224 | RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD | 1 2 3 4 5 More | NEC |
| NTE3311 | Insulated Gate Bipolar Transistor N-Channel Enhancement Mode High Speed Switch | 1 2 | NTE Electronics |
| IF1331 | N-Channel Silicon Junction Field-Effect Transistor | 1 | InterFET Corporation |
| BSH104 | N-channel enhancement mode MOS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| BSP108 | N-channel enhancement mode vertical D-MOS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| BSS89 | N-channel enhancement mode vertical D-MOS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| IRFZ48N | N-channel enhancement mode TrenchMOS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PHN1013 | N-channel enhancement mode MOS transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|