|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFB61N15D - Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| IRFB52N15D | Power MOSFET Vdss=150V Rds on max=0.032ohm Id=50A | 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| MMSF10N02Z | SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF1507 | LATERAL NCHANNEL BROADBAND RF POWER MOSFET | 1 2 3 4 5 More | Motorola, Inc |
| MTSF3N02HD | SINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS on = 0.040 OHM | 1 2 3 4 5 More | Motorola, Inc |
| NTMD6N03R2 | Power MOSFET | 1 2 3 4 5 More | ON Semiconductor |
| IRFIZ48VPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|