|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF9Z34NS - Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF9Z34N | Power MOSFET Vdss=-55V Rds on =0.10ohm Id=-19A | 1 2 3 4 5 More | International Rectifier |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| IRFY230 | N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS | 1 2 | Seme LAB |
| STB20PF75 | P-CHANNEL 75V - 0.10 ⦠- 20A D²PAK STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| MMDF2N05ZR2 | DUAL TMOS POWER MOSFET 2.0 AMPERES 50 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MMDF7N02Z | DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF141 | N-CHANNEL BROADBAND RF POWER MOSFET | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|