|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF840 - Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFN440 | POWER MOSFET N-CHANNEL BVdss=500V Rds on =0.85ohm Id=8.0A | 1 2 3 4 5 More | International Rectifier |
| IRC840 | Power MOSFET Vdss=500V Rds on =0.85ohm Id=8.0A | 1 2 3 4 5 More | International Rectifier |
| IRF840LCS | Power MOSFET Vdss=500V Rds on =0.85ohm Id=8.0A | 1 2 3 4 5 More | International Rectifier |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| IRF840S | Power MOSFET Vdss=500V Rds on =0.85ohm Id=8.0A | 1 2 3 4 5 More | International Rectifier |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| IRFY440CM | POWER MOSFET N-CHANNEL BVdss=500V Rds on =0.85ohm Id=7.0A | 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| JANTX2N6796 | POWER MOSFET N-CHANNEL BVdss=100V Rds on =0.18ohm Id=8.0A | 1 2 3 4 5 More | International Rectifier |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|