|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF7534D1 - FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF7321D2 | FETKY MOSFET & Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7335D1 | Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE | 1 2 3 4 5 More | International Rectifier |
| IRF7353D1 | FETKY MOSFET / Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7326D2 | FETKY MOSFET / Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7342D2PBF | FETKY MOSFET & Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7324D1TR | FETKY MOSFET / Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7353D2 | FETKY MOSFET / Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7321D2PBF | FETKY MOSFET & Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7421D1PBF | FETKY MOSFET / Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| SI7872DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|