|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF7523D1 - FETKY™ MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF7524D1 | FETKY⢠MOSFET & Schottky Diode Vdss=-20V Rds on =0.27ohm Schottky Vf=0.39V | 1 2 3 4 5 More | International Rectifier |
| IRF7526D1 | FETKY⢠MOSFET & Schottky Diode Vdss=-30V Rds on =0.20ohm Schottky Vf=0.39V | 1 2 3 4 5 More | International Rectifier |
| IRF7807VD1 | FETKY⢠MOSFET / SCHOTTKY DIODE | 1 2 3 4 5 More | International Rectifier |
| IRF7807VD2 | FETKY⢠MOSFET / SCHOTTKY DIODE | 1 2 3 4 5 More | International Rectifier |
| IRF7901D1 | Dual FETKY⢠Co-Packaged Dual MOSFET Plus Schottky Diode | 1 2 3 4 5 More | International Rectifier |
| IRF7521D1 | FETKY⢠MOSFET / Schottky Diode Vdss=20V Rds on =0.135ohm Schottky Vf=0.39V | 1 2 3 4 5 More | International Rectifier |
| SI4308DY | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 More | Vishay Siliconix |
| SI4300DY | N-Channel 30-V D-S Reduced Qg Fast Switching MOSFET with Schottky Diode | 1 2 3 4 5 | Vishay Siliconix |
| SI4736DY | N-Channel 30-V D-S MOSFET With Schottky Diode | 1 2 3 | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|