|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF640 - Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFN240 | POWER MOSFET N-CHANNEL BVdss=200V Rds on =0.18ohm Id=18A | 1 2 3 4 5 More | International Rectifier |
| IRC640 | Power MOSFET Vdss=200V Rds on =0.18ohm Id=18A | 1 2 3 4 5 More | International Rectifier |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| IRF640S | Power MOSFET Vdss=200V Rds on =0.18ohm Id=18A | 1 2 3 4 5 More | International Rectifier |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| IRFY130CM | POWER MOSFET N-CHANNEL BVdss=100V Rds on =0.18ohm Id=14.4A | 1 2 3 4 5 More | International Rectifier |
| IRFY240CM | POWER MOSFET N-CHANNEL BVdss=200V Rds on =0.18ohm Id=16A | 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| JANTX2N6756 | POWER MOSFET N-CHANNEL BVdss=100V Rds on =0.18ohm Id=14A | 1 2 3 4 5 More | International Rectifier |
| JANTX2N6796 | POWER MOSFET N-CHANNEL BVdss=100V Rds on =0.18ohm Id=8.0A | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|