|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
IRF5NJ9540 - POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A) - International Rectifier |
|
Click IRF5NJ9540 to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRF5Y9540CM | POWER MOSFET P-CHANNEL Vdss=-100V Rds on =0.117ohm Id=-18A | International Rectifier |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | Sensitron |
| STT4PF20V | P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET | STMicroelectronics |
| STT5PF20V | P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET | STMicroelectronics |
| STS3DPF20V | DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET¢â POWER MOSFET | STMicroelectronics |
| IRF9530-220M | P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS | Seme LAB |
| AP2307GN | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | Advanced Power Electronics Corp. |
| AP2605GY | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | Advanced Power Electronics Corp. |
| AP4417GH | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | Advanced Power Electronics Corp. |
Link URL |
|
|
Related keyword |
| IRF5NJ9540 Datasheet | IRF5NJ9540 Cross Reference | IRF5NJ9540 Schematic | IRF5NJ9540 Distributor | IRF5NJ9540 Datenblatt | IRF5NJ9540 RoHS |
| IRF5NJ9540 Equivalent | IRF5NJ9540 Application Notes | IRF5NJ9540 Data Sheet | IRF5NJ9540 component | IRF5NJ9540 Fiche Technique | IRF5NJ9540 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |