|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF5N5210 - POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| BUZ906P | P-CHANNEL POWER MOSFET | 1 2 3 4 | List of Unclassifed Manufacturers |
| STS4PF20V | P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| IRF9230 | P-CHANNEL POWER MOSFET | 1 2 | Seme LAB |
| IRL5NJ7404 | HEXFET POWER MOSFET SURFACE MOUNT SMD-0.5 20V P-CHANNEL | 1 2 3 4 5 More | International Rectifier |
| AAT8401 | 20V P-Channel Power MOSFET | 1 2 3 4 5 More | Advanced Analogic Technologies |
| AP2305AN | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
| AP2531GY | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP3403GH | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|