|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF5N3710 - POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| IRFY230 | N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS | 1 2 | Seme LAB |
| STD100NH02L | N-channel 24V - 0.0042⦠- 60A - DPAK - IPAK STripFET⢠II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| 2SK825 | FAST SWITCHING N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | NEC |
| MSK3013 | QUAD N-CHANNEL MOSFET POWER MODULE | 1 2 3 4 5 | M.S. Kennedy Corporation |
| STD12NF06 | N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD35NF3LL | N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STN2NE10L | N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STP14NF06 | N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|