|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF3205 - Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A⑤) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF3205 | Power MOSFET Vdss=55V Rds on =8.0mohm Id=110A⤠| 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| IRFZ24N | Power MOSFET Vdss=55V Rds on =0.07ohm Id=17A | 1 2 3 4 5 More | International Rectifier |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| NTTS2P03R2 | Power MOSFET -2.48 Amps -30 Volts P−Channel Enhancement Mode Single Micro8 Package | 1 2 3 4 5 More | ON Semiconductor |
| MMSF10N03Z | SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF151 | N-CHANNEL BROADBAND RF POWER MOSFET | 1 2 3 4 5 More | Motorola, Inc |
| MTSF3N03HD | SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS on = 0.040 OHM | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|