![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IR8200B - 3A, 55V DMOS H-BRIDGE - International Rectifier |
|
Click Here View IR8200B Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LMD18200 | 3A 55V H-Bridge | National Semiconductor |
| TPIC5401 | H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY | Texas Instruments |
| LMD18201 | 3A 55V H-Bridge | National Semiconductor |
| LMD18245 | 3A 55V DMOS Full-Bridge Motor Driver | National Semiconductor |
| MSK4253 | 5 AMP 55V H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER | M.S. Kennedy Corporation |
| TPIC1310 | 3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY | Texas Instruments |
| STP80NF55L-06 | N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET | STMicroelectronics |
| HUF75343G3 | 75A 55V 0.009 Ohm N-Channel UltraFET Power MOSFETs | Fairchild Semiconductor |
| HUFA75344G3 | 75A 55V 0.008 Ohm N-Channel UltraFET Power MOSFETs | Fairchild Semiconductor |
| HUF75343G3 | 75A 55V 0.009 Ohm N-Channel UltraFET Power MOSFETs | Intersil Corporation |
Link URL |
|
|
Related keyword |
| IR8200B Datasheet | IR8200B Cross Reference | IR8200B Schematic | IR8200B Distributor | IR8200B Datenblatt | IR8200B RoHS |
| IR8200B Equivalent | IR8200B Application Notes | IR8200B Data Sheet | IR8200B component | IR8200B Fiche Technique | IR8200B Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |