Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI530G Datasheet (PDF) - Kersemi Electronic Co., Ltd.

IRFI530G Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # IRFI530G
Download  IRFI530G Download

File Size   1470.08 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Sink to Lead Creepage Distance = 4.8 mm

IRFI530G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI530G Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # IRFI530G
Download  IRFI530G Click to download

File Size   1470.08 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Sink to Lead Creepage Distance = 4.8 mm

IRFI530G Datasheet (HTML) - Kersemi Electronic Co., Ltd.

IRFI530G Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFI530G Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFI530G Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFI530G Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFI530G Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFI530G Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFI530G Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.

IRFI530G Product details

DESCRIPTION
The TO-220 FULLPAK eliminates the need for additional insulating hardware in commercial-industrial applications. The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The FULLPAK is mounted to a heatsink using a single clip or by a single screw fixing.

FEATURES
• Isolated Package
• High Voltage Isolation = 2.5 kVRMS (t = 60 s; f = 60 Hz)
• Sink to Lead Creepage Distance = 4.8 mm
• 175 °C Operating Temperature
• Dynamic dV/dt Rating
• Low Thermal Resistance
• Lead (Pb)-free Available




Similar Part No. - IRFI530G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI530G IRF-IRFI530G Datasheet
171Kb / 6P
   HEXFET POWER MOSFET
logo
Vishay Siliconix
IRFI530G VISHAY-IRFI530G Datasheet
937Kb / 8P
   Power MOSFET
Rev. A, 12-Jan-09
logo
Inchange Semiconductor ...
IRFI530G ISC-IRFI530G Datasheet
319Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFI530G VISHAY-IRFI530G Datasheet
282Kb / 10P
   Power MOSFET
01-Jan-2022
IRFI530GPBF VISHAY-IRFI530GPBF Datasheet
937Kb / 8P
   Power MOSFET
Rev. A, 12-Jan-09
More results


Similar Description - IRFI530G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFI540G KERSEMI-IRFI540G Datasheet
1Mb / 7P
   Sink to Lead Creepage Distance = 4.8 mm
logo
DinTek Semiconductor Co...
DTS6401 DINTEK-DTS6401 Datasheet
3Mb / 10P
   Power MOSFET Sink to Lead Creepage Distance = 4.8 mm
logo
Sharp Corporation
PC121 SHARP-PC121 Datasheet
387Kb / 6P
   LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC110L SHARP-PC110L Datasheet
98Kb / 6P
   Long Creepage Distance Type Photocoupler
logo
Panasonic Semiconductor
LNG4B4NPY PANASONIC-LNG4B4NPY Datasheet
29Kb / 1P
   4.8 mm GaAsP
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con - tact.
logo
Panasonic Semiconductor
LN21RCPSS PANASONIC-LN21RCPSS Datasheet
30Kb / 1P
   4.8 mm Series
logo
Omron Electronics LLC
G2R-1A-E-DC24 OMRON-G2R-1A-E-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
   HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
   HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com