|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RURU15080 - 150A, 700V - 1000V Ultrafast Diodes - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RURG3070CC | 30A 700V - 1000V Ultrafast Dual Diodes | 1 2 3 | Intersil Corporation |
| RHRU5070 | 50A 700V - 1000V Hyperfast Diodes | 1 2 3 4 | Intersil Corporation |
| RHRU7570 | 75A 700V - 1000V Hyperfast Diodes | 1 2 3 4 | Intersil Corporation |
| MUR8100E | 8A 1000V Ultrafast Diodes | 1 2 3 4 | Intersil Corporation |
| RHRG7570 | 75A 700V - 1000V Hyperfast Diodes | 1 2 3 4 | Intersil Corporation |
| MUR8100E | 8A 1000V Ultrafast Diodes | 1 2 3 4 5 | Fairchild Semiconductor |
| RHRU15090 | 150A 900V - 1000V Hyperfast Diodes | 1 2 3 | Intersil Corporation |
| BYQ30EB | Rectifier diodes ultrafast rugged | 1 2 3 4 5 More | NXP Semiconductors |
| BYV29F | Rectifier diodes ultrafast | 1 2 3 4 5 More | NXP Semiconductors |
| BYV79E | Rectifier diodes ultrafast rugged | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|