|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RURU10060 - 100A, 600V Ultrafast Diode - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RURG3060 | 30A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RHRU10060 | 100A 600V Hyperfast Diode | 1 2 3 | Intersil Corporation |
| RURG5060 | 50A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURU100120 | 100A 1200V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURG8060 | 80A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURP3060 | 30A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| HGTG12N60D1D | 12A 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode | 1 2 3 4 5 More | Intersil Corporation |
| RURU15060 | 150A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RUR1S1560S | 15A 600V Ultrafast Diode | 1 2 3 4 5 | Fairchild Semiconductor |
| RURU5060 | 50A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|