|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RURU100120 - 100A, 1200V Ultrafast Diode - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RURG50120 | 50A 1200V Ultrafast Diode | 1 2 3 4 | Intersil Corporation |
| RHRU100120 | 100A 1200V Hyperfast Diode | 1 2 3 | Intersil Corporation |
| RURG75120 | 75A 1200V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURP15120 | 15A 1200V Ultrafast Diode | 1 2 3 4 | Intersil Corporation |
| RURU10060 | 100A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURP30120 | 30A 1200V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURP4120CC | 4A 1200V Ultrafast Dual Diode | 1 2 3 4 | Intersil Corporation |
| RURP6120CC | 6A 1200V Ultrafast Dual Diode | 1 2 3 4 5 | Intersil Corporation |
| RURP8120 | 8A 1200V Ultrafast Diode | 1 2 3 4 | Intersil Corporation |
| RURP8120CC | 8A 1200V Ultrafast Dual Diode | 1 2 3 4 | Intersil Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|