|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RHRU100120 - 100A, 1200V Hyperfast Diode - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RHRG30120CC | 30A 1200V Hyperfast Dual Diode | 1 2 3 | Intersil Corporation |
| RHRU10060 | 100A 600V Hyperfast Diode | 1 2 3 | Intersil Corporation |
| RHRG50120 | 50A 1200V Hyperfast Diode | 1 2 | Intersil Corporation |
| RURU100120 | 100A 1200V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RHRG75120 | 75A 1200V Hyperfast Diode | 1 2 3 | Intersil Corporation |
| RHRP15120 | 15A 1200V Hyperfast Diode | 1 2 3 4 | Intersil Corporation |
| HGTG5N120CND | 25A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Intersil Corporation |
| RHRP30120 | 30A 1200V Hyperfast Diode | 1 2 3 | Intersil Corporation |
| RHRG30120 | 30A 1200V Hyperfast Diode | 1 2 3 4 | Fairchild Semiconductor |
| HGTG10N120BND | 35A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|