|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RFM10N50 - 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RFH10N45 | 10A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs | 1 2 3 4 | Intersil Corporation |
| IRF420 | 2.2A and 2.5A 450V and 500V 3.0 and 4.0 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| FRM450D | 10A 500V 0.600 Ohm Rad Hard N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| RFM3N45 | 3A 450V and 500V 3 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| RFM6N45 | 6A 450V and 500V 1.250 Ohm N-Channel Power MOSFETs | 1 2 3 4 | Intersil Corporation |
| FSF450D | 9A 500V 0.600 Ohm Rad Hard SEGR Resistant N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| IRFR420 | 2.5A 500V 3.000 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| RFL4N12 | 4A 120V and 150V 0.400 Ohm N-Channel Power MOSFETs | 1 2 3 4 | Intersil Corporation |
| BUZ45 | 9.6A 500V 0.600 Ohm N-Channel Power MOSFET | 1 | Intersil Corporation |
| BUZ45B | 10A 500V 0.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|