Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6244 Datasheet (PDF) - Intersil Corporation

ISL6244 Datasheet PDF - Intersil Corporation
Part # ISL6244
Download  ISL6244 Download

File Size   845.65 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller

ISL6244 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6244 Datasheet PDF - Intersil Corporation

Part # ISL6244
Download  ISL6244 Click to download

File Size   845.65 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller

ISL6244 Datasheet (HTML) - Intersil Corporation

Back Button ISL6244 Datasheet HTML 1Page - Intersil Corporation ISL6244 Datasheet HTML 2Page - Intersil Corporation ISL6244 Datasheet HTML 3Page - Intersil Corporation ISL6244 Datasheet HTML 4Page - Intersil Corporation ISL6244 Datasheet HTML 5Page - Intersil Corporation ISL6244 Datasheet HTML 6Page - Intersil Corporation ISL6244 Datasheet HTML 7Page - Intersil Corporation ISL6244 Datasheet HTML 8Page - Intersil Corporation ISL6244 Datasheet HTML 9Page - Intersil Corporation ISL6244 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL6244 Product details

The ISL6244 provides core-voltage regulation by driving 2 to 4 interleaved synchronous-rectified buck-converter channels in parallel. Interleaving the channel timing results in increased ripple frequency which reduces input and output ripple currents. The reduction in ripple results in lower component cost, reduced dissipation, and a smaller implementation area.

Features
• Multi-Phase Power Conversion
- 2, 3 or 4 Phase Operation
• Active Channel Current Balancing
• Precision rDS(ON)Current Sharing
    - Lossless
    -Low Cost
• Precision CORE Voltage Regulation
    - Differential Remote Output Voltage Sensing
    - Programmable Reference Offset
    - ±1% System Accuracy
• Microprocessor Voltage Identification Input
    - 5-Bit VID Input
    - 0.800V to 1.550V in 25mV Steps
    - Dynamic VID Technology
• Programmable Droop Voltage
• Excellent Dynamic Response
    - Combined Input Voltage Feed-Forward and Pulse-by-Pulse Average Current Mode
    • Over Current Protection
• Digital Soft Start
• Threshold Sensitive Enable Input
• High Ripple Frequency (160kHz to 4MHz)
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)



Similar Part No. - ISL6244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6244CR INTERSIL-ISL6244CR Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244CR RENESAS-ISL6244CR Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6244CRZ INTERSIL-ISL6244CRZ Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244CRZ RENESAS-ISL6244CRZ Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
More results


Similar Description - ISL6244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com