|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFP360 - 23A, 400V, 0.200 Ohm, N-Channel Power MOSFET - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BUZ76A | 2.6A 400V 2.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| IRFD310 | 0.4A 400V 3.600 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFD320 | 0.5A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| RFP12N10L | 12A 100V 0.200 Ohm Logic Level N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| JANSR2N7294 | 23A 200V 0.115 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFF310 | 1.35A 400V 3.600 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BUZ20 | 12A 100V 0.200 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| IRFF320 | 2.5A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFF330 | 3.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFP340 | 11A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|