|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFD320 - 0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BUZ76 | 3A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| IRF720 | 3.3A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFF320 | 2.5A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF330 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF350 | 15A 400V 0.300 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF710 | 2.0A 400V 3.600 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BUZ351 | 11.5A 400V 0.400 Ohm N-Channel Power MOSFET | 1 | Intersil Corporation |
| IRF730 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BUZ60 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| IRF740 | 10A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|