|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFD220 - 0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFD220 | 0.8A 200V 0.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF620 | 5.0A 200V 0.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFF220 | 3.5A 200V 0.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BUZ32 | 9.5A 200V 0.400 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| RFP8N20L | 8A 200V 0.600 Ohm Logic Level N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| BUZ45A | 8.3A 500V 0.800 Ohm N-Channel Power MOSFET | 1 | Intersil Corporation |
| BUZ73A | 5.8A 200V 0.600 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| JANSR2N7275 | 5A 200V 0.500 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| JANSR2N7294 | 23A 200V 0.115 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF240 | 18A 200V 0.180 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|