Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF350 Datasheet (PDF) - Intersil Corporation

IRF350 Datasheet PDF - Intersil Corporation
Part # IRF350
Download  IRF350 Download

File Size   59.63 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 400V, 0.300 Ohm, N-Channel Power MOSFET

IRF350 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF350 Datasheet PDF - Intersil Corporation

Part # IRF350
Download  IRF350 Click to download

File Size   59.63 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 400V, 0.300 Ohm, N-Channel Power MOSFET

IRF350 Datasheet (HTML) - Intersil Corporation

IRF350 Datasheet HTML 1Page - Intersil Corporation IRF350 Datasheet HTML 2Page - Intersil Corporation IRF350 Datasheet HTML 3Page - Intersil Corporation IRF350 Datasheet HTML 4Page - Intersil Corporation IRF350 Datasheet HTML 5Page - Intersil Corporation IRF350 Datasheet HTML 6Page - Intersil Corporation IRF350 Datasheet HTML 7Page - Intersil Corporation

IRF350 Product details

This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power.
They can be operated directly from integrated circuits.
Formerly developmental type TA9399.

Features
• 15A, 400V
• rDS(ON)= 0.300Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
   Components to PC Boards”




Similar Part No. - IRF350

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF350 SAMSUNG-IRF350 Datasheet
212Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF350 FAIRCHILD-IRF350 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
International Rectifier
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
logo
Seme LAB
IRF350 SEME-LAB-IRF350 Datasheet
43Kb / 2P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF350 NJSEMI-IRF350 Datasheet
91Kb / 2P
   N-CHANNEL POWER MOSFETS
More results


Similar Description - IRF350

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
   16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
15N40 UTC-15N40 Datasheet
220Kb / 6P
   15A, 400V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
   N-Channel MOSFET 400V, 15A, 0.3廓
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
   4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com