|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF240 - 18A, 200V, 0.180 Ohm, N-Channel Power MOSFET - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF640 | 18A 200V 0.180 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFP240 | 20A 200V 0.180 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF610 | 3.3A 200V 1.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| JANSR2N7275 | 5A 200V 0.500 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF620 | 5.0A 200V 0.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| JANSR2N7294 | 23A 200V 0.115 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| JANSR2N7396 | 5A 200V 0.460 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| 2N6796 | 8A 100V 0.180 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| JANSR2N7400 | 8A 200V 0.440 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| JANSR2N7406 | 24A 200V 0.110 Ohm Rad Hard N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|