
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
IRF234 Datasheet (PDF) - Intersil Corporation - 8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
|
|
|
|
| Part No. | IRF234 |
|
| Download |
IRF234 Click to view |
|
| File Size | 69.14 Kbytes |
|
| Page | 7 Pages |
|
| Maker | INTERSIL [Intersil Corporation] |
|
| Homepage | http://www.intersil.com/cda/home |
|
| Logo |  |
|
|
|
|
|
| |
Related Electronics Part Number |
|