|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HIN202E - /-15kV, ESD-Protected, 5V Powered,RS-232 Transmitters/Receivers - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HIN230 | +5V Powered RS-232 Transmitters/Receivers | 1 2 3 4 5 More | Intersil Corporation |
| SP230A | +5V Powered Multi-Channel RS-232 Drivers/Receivers | 1 2 3 4 5 More | Sipex Corporation |
| ICL232 | +5V Powered Dual RS-232 Transmitter/Receiver | 1 2 3 4 5 More | Intersil Corporation |
| MAX202E | 15kV ESD-Protected +5V RS-232 Transceivers | 1 2 3 4 5 More | Maxim Integrated Products |
| HIN202 | +5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors | 1 2 3 4 5 More | Intersil Corporation |
| MAX221E | ±15kV ESD-Protected +5V 1uA Single RS-232 Transceiver with AutoShutdown | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX250 | +5V Powered Isolated RS-232 Drivers/Receivers | 1 2 3 4 5 More | Maxim Integrated Products |
| SP230A | +5V Powered Multi-Channel RS-232 Drivers/Receivers | 1 2 3 4 5 More | Sipex Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|