|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HI3197 - 10-Bit, 125 MSPS D/A Converter - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADC10030 | 10-Bit 30 MSPS 125 mW A/D Converter with Internal Sample and Hold | 1 2 3 4 5 More | National Semiconductor |
| AD9750 | 10-Bit 125 MSPS High Performance TxDAC D/A Converter | 1 2 3 4 5 More | Analog Devices |
| AD9760 | 10-Bit 125 MSPS TxDAC D/A Converter | 1 2 3 4 5 More | Analog Devices |
| AD9763 | 10-Bit 125 MSPS Dual TxDAC+ D/A Converter | 1 2 3 4 5 More | Analog Devices |
| THS5651A | 10-BIT 125 MSPS CommsDACE DIGITAL-TO-ANALOG CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| HI5721 | 10-Bit 125 MSPS High Speed D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| SPT7830 | 10-BIT 2.5 MSPS SERIAL OUTPUT A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
| HI5728 | 10-Bit 125/60MSPS Dual High Speed CMOS D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI2309 | Triple 10-Bit 50 MSPS 3-Channel D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| SPT7851 | 10-BIT 20 MSPS 79 mW A/D CONVERTER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 |
Link URL |
|
|