|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HGTP5N120CN - 25A, 1200V, NPT Series N-Channel IGBT - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HGTG5N120CND | 25A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Intersil Corporation |
| HGTG27N120BN | 72A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| HGTG20N120CN | 63A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| HGTG20N120CND | 63A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Intersil Corporation |
| HGTG27N120BN | 72A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| HGTD1N120BNS | 5.3A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| HGTG30N120CN | 75A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| HGTD1N120CNS | 6.2A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| HGTD2N120CNS | 13A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| HGTG10N120BN | 35A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|