Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG30N60B3D Datasheet (PDF) - Intersil Corporation

HGTG30N60B3D Datasheet PDF - Intersil Corporation
Part # HGTG30N60B3D
Download  HGTG30N60B3D Download

File Size   109.09 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG30N60B3D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG30N60B3D Datasheet PDF - Intersil Corporation

Part # HGTG30N60B3D
Download  HGTG30N60B3D Click to download

File Size   109.09 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG30N60B3D Datasheet (HTML) - Intersil Corporation

HGTG30N60B3D Datasheet HTML 1Page - Intersil Corporation HGTG30N60B3D Datasheet HTML 2Page - Intersil Corporation HGTG30N60B3D Datasheet HTML 3Page - Intersil Corporation HGTG30N60B3D Datasheet HTML 4Page - Intersil Corporation HGTG30N60B3D Datasheet HTML 5Page - Intersil Corporation HGTG30N60B3D Datasheet HTML 6Page - Intersil Corporation HGTG30N60B3D Datasheet HTML 7Page - Intersil Corporation

HGTG30N60B3D Product details

The HGTG30N60B3D is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C. The IGBT used is the development type TA49170. The diode used in anti-parallel with the IGBT is the development type TA49053.

Features
• 60A, 600V, TC = 25°C
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 90ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode




Similar Part No. - HGTG30N60B3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
228Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D_04 Datasheet
228Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Similar Description - HGTG30N60B3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D_04 Datasheet
228Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP3N60B3D INTERSIL-HGTP3N60B3D Datasheet
154Kb / 7P
   7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60B3D FAIRCHILD-HGTG20N60B3D Datasheet
179Kb / 7P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com