|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HGTD10N40F1 - 10A, 400V and 500V N-Channel IGBTs - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HGTP10N40C1 | 10A 12A 400V and 500V N-Channel IGBTs | 1 2 3 4 5 More | Intersil Corporation |
| HGTP10N40C1D | 10A 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes | 1 2 3 4 5 More | Intersil Corporation |
| HGTP10N40F1D | 10A 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes | 1 2 3 4 5 | Intersil Corporation |
| HGTD6N40E1 | 6A 400V and 500V N-Channel IGBTs | 1 2 3 4 | Intersil Corporation |
| HGTH20N40C1D | 20A 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes | 1 2 3 4 5 More | Intersil Corporation |
| HGTP15N40C1 | 15A 20A 400V and 500V N-Channel IGBTs | 1 2 3 4 5 | Intersil Corporation |
| 2N6975 | 5A 400V and 500V N-Channel IGBTs | 1 2 3 4 | Intersil Corporation |
| RFH10N45 | 10A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs | 1 2 3 4 | Intersil Corporation |
| RFM10N45 | 10A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs | 1 2 3 4 | Intersil Corporation |
| BUZ45B | 10A 500V 0.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|