Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-5504 Datasheet (PDF) - Intersil Corporation

HC-5504 Datasheet PDF - Intersil Corporation
Part # HC-5504
Download  HC-5504 Download

File Size   84.68 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ITU Low Cost, PABX SLIC With 40mA Loop Feed

HC-5504 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC-5504 Datasheet PDF - Intersil Corporation

Part # HC-5504
Download  HC-5504 Click to download

File Size   84.68 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ITU Low Cost, PABX SLIC With 40mA Loop Feed

HC-5504 Datasheet (HTML) - Intersil Corporation

HC-5504 Datasheet HTML 1Page - Intersil Corporation HC-5504 Datasheet HTML 2Page - Intersil Corporation HC-5504 Datasheet HTML 3Page - Intersil Corporation HC-5504 Datasheet HTML 4Page - Intersil Corporation HC-5504 Datasheet HTML 5Page - Intersil Corporation HC-5504 Datasheet HTML 6Page - Intersil Corporation HC-5504 Datasheet HTML 7Page - Intersil Corporation HC-5504 Datasheet HTML 8Page - Intersil Corporation HC-5504 Datasheet HTML 9Page - Intersil Corporation

HC-5504 Product details

The Intersil SLIC incorporates many of the BORSHT functions on a single IC chip. This includes DC battery feed, a ring relay driver, supervisory and hybrid functions. This device is designed to maintain transmission performance in the presence of externally induced longitudinal currents. Using the unique Intersil dielectric isolation process, the SLIC can operate directly with a wide range of station battery voltages.

Features
• Low Cost Version of the HC-5504B
• Capable of 5V or 12V (VB+) Operation
• Monolithic Integrated Device
• DI High Voltage Process
• Compatible With Worldwide PBX Performance Requirements
• Controlled Supply of Battery Feed Current for Short Loops (41mA)
• Internal Ring Relay Driver
• Allows Interfacing With Negative Superimposed Ringing Systems
• Low Power Consumption During Standby
• Switch Hook Ground Key and Ring Trip Detection Functions
• Selective Denial of Power to Subscriber Loops

Applications
• Solid State Line Interface Circuit for Analog and Digital PBX Systems
• Direct Inward Dial (DID) Trunks
• Voice Messaging PBXs
• Related Literature
    - AN549, The HC-5502S/4X Telephone Subscriber Line Interface Circuits (SLIC)
    - AN571, Using Ring Sync with HC-5502A and HC-5504 SLICs




Similar Part No. - HC-5504

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504 INTERSIL-HC-5504 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
More results


Similar Description - HC-5504

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com