|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
FRM140R - 23A, 100V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs - Intersil Corporation |
|
Click FRM140R to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FRE264D | 23A 250V 0.130 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRK150D | 40A 100V 0.055 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRK160D | 50A 100V 0.040 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRL130D | 8A 100V 0.180 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRM130D | 14A 100V 0.180 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRS130D | 12A 100V 0.195 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRS140D | 17A 100V 0.145 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FRF250D | 23A 200V 0.115 Ohm Rad Hard N-Channel Power MOSFETs | Intersil Corporation |
| FSF150D | 25A 100V 0.070 Ohm Rad Hard SEGR Resistant N-Channel Power MOSFETs | Intersil Corporation |
| FSJ160D | 70A 100V 0.022 Ohm Rad Hard SEGR Resistant N-Channel Power MOSFETs | Intersil Corporation |
Link URL |
|
|
Related keyword |
| FRM140R Datasheet | FRM140R Cross Reference | FRM140R Schematic | FRM140R Distributor | FRM140R Datenblatt | FRM140R RoHS |
| FRM140R Equivalent | FRM140R Application Notes | FRM140R Data Sheet | FRM140R component | FRM140R Fiche Technique | FRM140R Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |