|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CD22M3494 - 16 x 8 x 1 BiMOS-E Crosspoint Switch - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CD22M3493 | 12 x 8 x 1 BiMOS-E Crosspoint Switch | 1 2 3 4 5 More | Intersil Corporation |
| TQ8034 | 1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| HA4314B | 400MHz 4 x 1 Video Crosspoint Switch | 1 2 3 4 5 More | Intersil Corporation |
| PI90LV024 | LVDS Dual 2x2 Crosspoint/Repeater Switch | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| SN65LVDS125A | LVDS 4x4 CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| AS3588A | DIGITAL TIME/SPACE CROSSPOINT SWITCH | 1 2 3 4 5 More | austriamicrosystems AG |
| HA4344B | 350MHz 4 x 1 Video Crosspoint Switch with Synchronous Controls | 1 2 3 4 | Intersil Corporation |
| AD8152 | 34 x 34 3.2 Gbps Asynchronous Digital Crosspoint Switch | 1 2 3 4 5 More | Analog Devices |
| SN65LVDS250 | LVDS 4x4 CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| AD75019 | 16 x 16 Crosspoint Switch Array | 1 2 3 4 | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|