Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3193 Datasheet (PDF) - Intersil Corporation

CA3193 Datasheet PDF - Intersil Corporation
Part # CA3193
Download  CA3193 Download

File Size   544.34 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.2MHz, BiCMOS Precision Operational Amplifiers

CA3193 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3193 Datasheet PDF - Intersil Corporation

Part # CA3193
Download  CA3193 Click to download

File Size   544.34 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.2MHz, BiCMOS Precision Operational Amplifiers

CA3193 Datasheet (HTML) - Intersil Corporation

Back Button CA3193 Datasheet HTML 1Page - Intersil Corporation CA3193 Datasheet HTML 2Page - Intersil Corporation CA3193 Datasheet HTML 3Page - Intersil Corporation CA3193 Datasheet HTML 4Page - Intersil Corporation CA3193 Datasheet HTML 5Page - Intersil Corporation CA3193 Datasheet HTML 6Page - Intersil Corporation CA3193 Datasheet HTML 7Page - Intersil Corporation CA3193 Datasheet HTML 8Page - Intersil Corporation CA3193 Datasheet HTML 9Page - Intersil Corporation CA3193 Datasheet HTML 10Page - Intersil Corporation Next Button 

CA3193 Product details

Description

The CA3193A and CA3193 are ultra-stable, precision instrumentation, operational amplifiers that employ both PMOS and bipolar transistors on a single monolithic chip.



Features

•LowVIO

- CA3193A ..........................200µV(Max)

- CA3193 ...........................500µV(Max)

•Low∆VIO/∆T

- CA3193A ......................... 3µV/oC(Max)

- CA3193 .......................... 5µV/oC(Max)

•LowIIO andII

•Low∆IIO/∆T: CA3193 ............... 150pA/oC(Max)

•Low∆II/∆T: CA3193 ................ 3.7nA/oC(Max)



Applications

• ThermocouplePreamplifiers

• StrainGaugeBridgeAmplifiers

• SummingAmplifiers

• DifferentialAmplifiers

• BilateralCurrentSources

• LogAmplifiers

• DifferentialVoltmeters

• PrecisionVoltageReferences

• ActiveFilters

• Buffers

• Integrators

• Sample-and-HoldCircuits

• LowFrequencyFilters



 




Similar Part No. - CA3193

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3194 INTERSIL-CA3194 Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
CA3194E INTERSIL-CA3194E Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
More results


Similar Description - CA3193

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Linear Dimensions Semic...
LND-OP28 LINEAR_DIMENSIONS-LND-OP28 Datasheet
151Kb / 1P
   Dual 5A, 44V, BiCMOS Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com