|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CA3140 - 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CA3240 | Dual 4.5MHz BiMOS Operational Amplifier with MOSFET Input/Bipolar Output | 1 2 3 4 5 More | Intersil Corporation |
| CA3130 | 15MHz BiMOS Operational Amplifier with MOSFET Input/CMOS Output | 1 2 3 4 5 More | Intersil Corporation |
| HCA10014 | 15MHz BiMOS Operational Amplifier with MOSFET Input/CMOS Output | 1 2 3 4 5 More | Intersil Corporation |
| CA3160 | 4MHz BiMOS Operational Amplifier with MOSFET Input/CMOS Output | 1 2 3 4 5 More | Intersil Corporation |
| CA5130 | 15MHz BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output | 1 2 3 4 5 More | Intersil Corporation |
| CA5160 | 4MHz BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output | 1 2 3 4 5 More | Intersil Corporation |
| CA5470 | Quad 14MHz Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output | 1 2 3 4 5 | Intersil Corporation |
| NTE7141 | Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input Bipolar Output | 1 2 3 4 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 |
Link URL |
|
|