|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BUZ351 - 11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFP340 | 11A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRFP350 | 16A 400V 0.300 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF450 | 13A 500V 0.400 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFP360 | 23A 400V 0.200 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BUZ32 | 9.5A 200V 0.400 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FDP20N40 | 20A 400V 0.216 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDH34N40 | 34A 400V 0.115 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF330 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF350 | 15A 400V 0.300 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF450 | 13A 500V 0.400 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 |
Link URL |
|
|