Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C87H Datasheet (PDF) - Intersil Corporation

82C87H Datasheet PDF - Intersil Corporation
Part # 82C87H
Download  82C87H Download

File Size   94.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Octal Inverting Bus Transceiver

82C87H Datasheet (PDF)

Go To PDF Page Download Datasheet
82C87H Datasheet PDF - Intersil Corporation

Part # 82C87H
Download  82C87H Click to download

File Size   94.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Octal Inverting Bus Transceiver

82C87H Datasheet (HTML) - Intersil Corporation

82C87H Datasheet HTML 1Page - Intersil Corporation 82C87H Datasheet HTML 2Page - Intersil Corporation 82C87H Datasheet HTML 3Page - Intersil Corporation 82C87H Datasheet HTML 4Page - Intersil Corporation 82C87H Datasheet HTML 5Page - Intersil Corporation 82C87H Datasheet HTML 6Page - Intersil Corporation 82C87H Datasheet HTML 7Page - Intersil Corporation 82C87H Datasheet HTML 8Page - Intersil Corporation

82C87H Product details

Description
The Intersil 82C87H is a high performance CMOS Octal Transceiver manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). The 82C87H provides a full eight-bit bi-directional bus interface in a 20 pin package. The Transmit (T) control determines the data direction. The active low output enable (OE) permits simple interface to the 80C86, 80C88 and other microprocessors. The 82C87H has gated inputs, eliminating the need for pull-up/pull-down resistors and reducing overall system operating power dissipation. The 82C87H provides inverted data at the outputs.

Features
• Full Eight Bit Bi-Directional Bus Interface
• Industry Standard 8287 Compatible Pinout
• High Drive Capability
    - B Side IOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
    - A Side IOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA
• Three-State Inverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs
    - Reduce Operating Power
    - Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation . . . . . . . . . . . . . . . ICCSB = 10µA
• Operating Temperature Range
    - C82C87H . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
    - I82C87H . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
    - M82C87H . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C




Similar Part No. - 82C87H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results


Similar Description - 82C87H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com