|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ILC6377 - 0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN - Impala Linear Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ILC6376 | 0.5A 300kHz SO-8 PWM/PFM Step Down Converter with Shutdown | 1 2 3 4 5 More | Fairchild Semiconductor |
| CMD4510 | Motor Driver for Portable DVD Player with DC-DC Step Down Converter | 1 2 3 4 5 More | Ceramate Technical |
| TLV5618A | 2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN | 1 2 3 4 5 More | Texas Instruments |
| LTC1278 | 12-Bit 500ksps Sampling A/D Converter with Shutdown | 1 2 3 4 5 More | Linear Technology |
| TC1121 | 100mA Charge Pump Voltage Converter with Shutdown | 1 2 3 4 5 More | Microchip Technology |
| BD9532EKN | Step down DC/DC converter Controller for NOTE PC | 1 2 3 4 5 More | Rohm |
| MAX8627 | Low VBATT 20uA IQ 1MHz Synchronous Boost Converter with True Shutdown | 1 2 3 4 5 More | Maxim Integrated Products |
| LTC1279 | 12-Bit 600ksps Sampling A/D Converter with Shutdown | 1 2 3 4 5 More | Linear Technology |
| L6910 | ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|