Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6116SA15SO Datasheet (PDF) - Integrated Device Technology

IDT6116SA15SO Datasheet PDF - Integrated Device Technology
Part # IDT6116SA15SO
Download  IDT6116SA15SO Download

File Size   111.94 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 16K (2K x 8 BIT)

IDT6116SA15SO Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT6116SA15SO Datasheet PDF - Integrated Device Technology

Part # IDT6116SA15SO
Download  IDT6116SA15SO Click to download

File Size   111.94 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 16K (2K x 8 BIT)

IDT6116SA15SO Datasheet (HTML) - Integrated Device Technology

Back Button IDT6116SA15SO Datasheet HTML 1Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 2Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 3Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 4Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 5Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 6Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 7Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 8Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 9Page - Integrated Device Technology IDT6116SA15SO Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT6116SA15SO Product details

DESCRIPTION:
The IDT6116SA/LA is a 16,384-bit high-speed static RAM organized as 2K x 8. It is fabricated using IDTs high-performance, high-reliability CMOS technology.
   
FEATURES:
• High-speed access and chip select times
    — Military: 20/25/35/45/55/70/90/120/150ns (max.)
    — Commercial: 15/20/25/35/45ns (max.)
• Low-power consumption
• Battery backup operation
    — 2V data retention voltage (LA version only)
• Produced with advanced CMOS high-performance
    technology
• CMOS process virtually eliminates alpha particle
    soft-error rates
• Input and output directly TTL-compatible
• Static operation: no clocks or refresh required
• Available in ceramic and plastic 24-pin DIP, 24-pin Thin
    Dip and 24-pin SOIC and 24-pin SOJ
• Military product compliant to MIL-STD-833, Class B
   




Similar Part No. - IDT6116SA15SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results


Similar Description - IDT6116SA15SO

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com