|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RD39ES - 400 mW DHD ZENER DIODE DO-34 - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RD39JS | DO-34 Package Low noise Sharp Breakdown characteristics 400 mW Zener Diode | 1 2 3 4 5 More | NEC |
| RD200E | 500 mW DHD ZENER DIODE DO-35 | 1 2 3 4 5 More | NEC |
| ERC38 | FAST RECOVERY DIODE 400 to 600V / 1A | 1 2 | Fuji Electric |
| 1N746 | SILICON 400 mW ZENER DIODES | 1 2 3 | Microsemi Corporation |
| 3EZ3.9D5 | 3W SILICON ZENER DIODE | 1 2 | Jinan Gude Electronic Device |
| BZG142 | SMA ZenBlock; zener with integrated blocking diode | 1 2 3 4 5 More | NXP Semiconductors |
| NTE2335 | Silicon NPN Transistor Darlington w/Internal Zener Diode for Line Operated TV | 1 2 | NTE Electronics |
| HZ12C3L | Silicon Epitaxial Planar Zener Diode for Low Noise Application | 1 2 3 4 5 More | Renesas Technology Corp |
| DDZX9698 | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| LWH1026 | LED Chip Zener Diode | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|