|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HML1225 - 0.8A 300.380 VOLTAGE SCRS IGT<200uA - Hi-Sincerity Mocroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMX1225 | 0.8A 300/380 VOLTAGE SCRS IGT<200uA | 1 2 | Hi-Sincerity Mocroelectronics |
| P01 | 0.8A SCRs | 1 2 3 4 5 More | STMicroelectronics |
| P0130AA | 0.8A SCRs | 1 2 3 4 5 | STMicroelectronics |
| X00602MA | 0.8A SCRs | 1 2 3 4 5 | STMicroelectronics |
| XL0840 | SENSITIVE GATE 0.8A SCRs | 1 2 3 4 5 | STMicroelectronics |
| PQ05RD08 | 0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR | 1 2 3 4 5 More | Sharp Electrionic Components |
| BY268 | 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER | 1 2 | Diodes Incorporated |
| BS616UV1010 | Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit | 1 2 3 4 5 More | Brilliance Semiconductor |
| BD53XXG | Voltage Detector IC with Adjustable Output Delay | 1 2 3 4 5 More | Rohm |
| HD01 | 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|