|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RD200E - 500 mW DHD ZENER DIODE DO-35 - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N4370A | 500 mW DO-35 Glass Zener Voltage Regulator Diodes | 1 2 3 4 5 More | Motorola, Inc |
| 1N5221 | 500 mW Zener Diode 2.4 to 200 Volts | 1 2 | Micro Commercial Components |
| MZ4625 | 500 mW DO-35 Glass Zener Voltage Regulator Diodes | 1 2 3 4 5 More | Motorola, Inc |
| RLZ10 | 500 MW ZENER LEADLESS DIODE | 1 2 3 4 | Rohm |
| BZX55-C2V4 | 500 mWatt Zener Diode 2.42 to 47 Volts | 1 2 3 | Micro Commercial Components |
| 1N5223B | 500mW 5% DO-35 ZENER DIODE | 1 2 | Rectron Semiconductor |
| DL5221 | 500 mW Zener Diode 2.4 to 200 Volts | 1 2 | Micro Commercial Components |
| DLZ36B | 500 mW Zener Diode 3.725 to 36.275 Volts | 1 2 | Micro Commercial Components |
| H36 | 500 mW Zener Diode 1.7 to 37.2 Volts | 1 2 3 4 | Micro Commercial Components |
| RD39ES | 400 mW DHD ZENER DIODE DO-34 | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|