|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
INA-50311 - 1 GHz Low Noise Silicon MMIC Amplifier - Agilent(Hewlett-Packard) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| INA-30311 | 1 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| INA-51063 | 2.4 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| INA-52063 | 1.5 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| INA-54063 | 3.0 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| HMC318MS8G | GaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC320MS8G | GaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC462 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AA035N1-00 | 28-36 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 | Alpha Industries |
| CMM4000 | 2.0-18.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CMM1100 | 2.0-18.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|