Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMMC-5025 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-5025 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-5025
Download  HMMC-5025 Download

File Size   153.81 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2 - 50 GHz Distributed Amplifier

HMMC-5025 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-5025 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-5025
Download  HMMC-5025 Click to download

File Size   153.81 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2 - 50 GHz Distributed Amplifier

HMMC-5025 Datasheet (HTML) - Agilent(Hewlett-Packard)

HMMC-5025 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-5025 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-5025 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-5025 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-5025 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-5025 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HMMC-5025 Datasheet HTML 7Page - Agilent(Hewlett-Packard)

HMMC-5025 Product details

Description
The HMMC-5025 was designed as a generic wide band distributed amplifier, covering the frequency span 2 – 50 GHz. It consists of seven stages. Each stage is made up of two cascoded FETs with gate peripheries of 48 mm per FET. Both input and output ports were designed to provide 50 ohm terminations. Bonding pads are provided in the layout to allow amplifier operation at frequencies lower than 2 GHz by means of external circuit components.

Features
• Frequency Range: 2 – 50 GHz
• Small Signal Gain: 8.5 dB
• P-1dB @ 40 GHz: 12 dBm
• Noise Figure: < 6 dB @ 2 – 35 GHz < 10 dB @ 35 – 50 GHz
• Return Loss: In/Out: < -10 dB




Similar Part No. - HMMC-5025

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5022 HP-HMMC-5022 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
HMMC-5026 HP-HMMC-5026 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5027 HP-HMMC-5027 Datasheet
92Kb / 6P
   2 - 26.5 Medium Power Amplifier
More results


Similar Description - HMMC-5025

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
   2-22 GHz Distributed Amplifier
CMD241 MMIC-CMD241 Datasheet
230Kb / 10P
   2-22 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD241 QORVO-CMD241 Datasheet
225Kb / 10P
   2-22 GHz Distributed Amplifier
CMD241P4 QORVO-CMD241P4 Datasheet
269Kb / 10P
   2-22 GHz Distributed Amplifier
logo
Custom MMIC Design Serv...
CMD233 MMIC-CMD233 Datasheet
280Kb / 12P
   2-20 GHz Distributed Low Noise Amplifier
logo
Qorvo, Inc
CMD233 QORVO-CMD233 Datasheet
280Kb / 12P
   2-20 GHz Distributed Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD233C4 MMIC-CMD233C4 Datasheet
312Kb / 12P
   2-20 GHz Distributed Low Noise Amplifier
logo
Qorvo, Inc
CMD233C4 QORVO-CMD233C4 Datasheet
306Kb / 12P
   2-20 GHz Distributed Low Noise Amplifier
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
   DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4_V01 Datasheet
445Kb / 14P
   DC-22 GHz Distributed Amplifier
December 6, 2021
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com