Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1J Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

ES1J Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # ES1J
Download  ES1J Download

File Size   185.02 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES1J Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1J Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ES1J
Download  ES1J Click to download

File Size   185.02 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES1J Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd

ES1J Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1J Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1J Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1J Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd

ES1J Product details

Features:
• Glass Passivated Die Construction
• Ideally Suited for Automatic Assembly
• Low Forward Overload Drop, High Efficiency
• Surge Overload Rating to 30A Peak
• Low Power Loss
• Super-Fast Recovery Time
• Plastic Case Material has UL Flammability Classification Rating 94V-O
• This is a Pb − Free Device
• All SMC parts are traceable to the wafer lot
• Additional testing can be offered upon request




Similar Part No. - ES1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES1J BILIN-ES1J Datasheet
487Kb / 4P
   Super-Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1J DACHANG-ES1J Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Guangdong Juxing Electr...
ES1J JUXING-ES1J Datasheet
3Mb / 2P
   Surface Mount Superfast Rectifiers
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
More results


Similar Description - ES1J

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Changzhou Shunye Electr...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com