Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5711 Datasheet (PDF) - Agilent(Hewlett-Packard)

1N5711 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 1N5711
Download  1N5711 Download

File Size   56.87 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Schottky Barrier Diodes for General Purpose Applications

1N5711 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5711 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 1N5711
Download  1N5711 Click to download

File Size   56.87 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Schottky Barrier Diodes for General Purpose Applications

1N5711 Datasheet (HTML) - Agilent(Hewlett-Packard)

1N5711 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 6Page - Agilent(Hewlett-Packard)

1N5711 Product details

Description

The 1N5711, 1N5712, 5082-2800/10/11 are passivated Schottky barrier diodes which use a patented “guard ring” design to achieve a high breakdown voltage. Packaged in a low cost

glass package, they are well suited for high level detecting, mixing, switching, gating, log or A-D converting, video detecting, frequency discriminating, sampling, and wave shaping.



Features

• Low Turn-On Voltage As Low as 0.34 V at 1 mA

• Pico Second Switching Speed

• High Breakdown Voltage Up to 70 V

• Matched Characteristics Available




Similar Part No. - 1N5711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
logo
EIC discrete Semiconduc...
1N5711 EIC-1N5711 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
AVAGO TECHNOLOGIES LIMI...
1N5711 AVAGO-1N5711 Datasheet
264Kb / 7P
   Pico Second Switching Speed
logo
Compensated Deuices Inc...
1N5711 CDI-DIODE-1N5711 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
Microsemi Corporation
1N5711 MICROSEMI-1N5711 Datasheet
67Kb / 3P
   SCHOTTKY BARRIER DIODES
More results


Similar Description - 1N5711

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5711 NJSEMI-1N5711 Datasheet
124Kb / 1P
   Schottky Barrier Diodes for General Purpose Applications
logo
Semtech Corporation
SD103A SEMTECH-SD103A Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
SD101A SEMTECH-SD101A Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
LL103A SEMTECH-LL103A Datasheet
181Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications?
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Micro Commercial Compon...
BAT42W MCC-BAT42W_13 Datasheet
244Kb / 3P
   200mW Schottky Diodes 30 Volts For General Purpose applications
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com