|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HT1330 - 3 1/2 Digit Timer Watch - Holtek Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MM1099 | System Reset Built-in Watch Dog Timer | 1 2 3 4 5 More | Mitsumi Electronics, Corp. |
| AME8510 | Micropower UP Watch Dog Timer | 1 2 3 4 5 More | Analog Microelectronics |
| AME8510 | Micropower uP Watch Dog Timer | 1 2 3 4 5 More | Analog Microelectronics |
| NJU9207 | 3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI | 1 2 3 4 5 More | New Japan Radio |
| LNM233AS01 | 3 Digit 8.0mm | 1 | Panasonic Semiconductor |
| UVS-36X | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MAN6161C | 0.56 INCH 14.2 MM SINGLE DIGIT STICK DISPLAY DIAMOND Font | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST6111C | 0.56 INCH 14.2 MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| HI7131 | 3 1/2 Digit Low Power High CMRR LCD/LED Display-Type A/D Converters | 1 2 3 4 5 More | Intersil Corporation |
| MTN2125-24A | Marktech 1.00 Single Digit | 1 | Marktech Corporate |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|